Part Number Hot Search : 
AM41D 180CA 8XS20D3 DL10SNE TK61045 BUV21 V175LT2 SKD83
Product Description
Full Text Search
 

To Download MC74HC595AMNTWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2016 december, 2016 ? rev. 23 1 publication order number: mc74hc595a/d mc74hc595a 8-bit serial-input/serial or parallel-output shift register with latched 3-state outputs high?performance silicon?gate cmos the mc74hc595a consists of an 8?bit shift register and an 8?bit d?type latch with three?state parallel outputs. the shift register accepts serial data and provides a serial output. the shift register also provides parallel data to the 8?bit latch. the shift register and latch have independent clock inputs. this device also has an asynchronous reset for the shift register. the hc595a directly interfaces with the spi serial data port on cmos mpus and mcus. features ? output drive capability: 15 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0  a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7 a ? chip complexity: 328 fets or 82 equivalent gates ? improvements over hc595 ? improved propagation delays ? 50% lower quiescent power ? improved input noise and latchup immunity ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? these devices are pb?free, halogen free and are rohs compliant www. onsemi.com marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g,  = pb?free package see detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet. ordering information soic?16 tssop?16 1 16 hc595ag awlyww hc 595a alyw   1 16 (note: microdot may be in either location) soic?16 d suffix case 751b tssop?16 dt suffix case 948f qfn16 mn suffix case 485aw 1 595a alyw   qfn16* *v595a marking used for nlv74hc595amn1twg
mc74hc595a www. onsemi.com 2 figure 1. pin assignments 116 215 314 413 512 611 710 89 gnd v cc sq h gnd 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 latch clock output enable a q a v cc sq h reset shift clock q e q d q c q b gnd q h q g q f q b q e q d q c q h q g q f latch clock output enable a q a reset shift clock soic, tssop qfn logic diagram serial data input 14 11 10 12 13 shift clock reset latch clock output enable shift register latch 15 1 2 3 4 5 6 7 9 q a q b q c q d q e q f q g q h sq h a v cc = pin 16 gnd = pin 8 parallel data outputs serial data output
mc74hc595a www. onsemi.com 3 maximum ratings symbol parameter value unit v cc dc supply voltage (referenced to gnd) ?0.5 to +7.0 v v in dc input voltage (referenced to gnd) ?0.5 to v cc +0.5 v v out dc output voltage (referenced to gnd) ?0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 35 ma i cc dc supply current, v cc and gnd pins 75 ma p d power dissipation in still air, soic package? tssop package? 500 450 mw t stg storage temperature ?65 to +150  c t l lead temperature, 1 mm from case for 10 seconds (plastic dip, soic or tssop package) 260  c v esd esd withstand voltage human body model (note 1) machine model (note 2) charged device model (note 3) > 3000 > 400 n/a v stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. ?derating: soic package: ?7 mw/  c from 65  to 125  c tssop package: ?6.1 mw/  c from 65  to 125  c 1. tested to eia/jesd22?a114?a. 2. tested to eia/jesd22?a115?a. 3. tested to jesd22?c101?a. recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature, all package types ?55 +125  c t r , t f input rise and fall time v cc = 2.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v 0 0 0 1000 500 400 ns functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability. this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high?impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hc595a www. onsemi.com 4 dc electrical characteristics (voltages referenced to gnd) symbo l parameter test conditions v cc v guaranteed limit unit ?55 to 25  c 85  c 125  c v ih minimum high?level input voltage v out = 0.1 v or v cc ? 0.1 v |i out | 20  a 2.0 3.0 4.5 6.0 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 v v il maximum low?level input voltage v out = 0.1 v or v cc ? 0.1 v |i out | 20  a 2.0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v v oh minimum high?level output voltage, q a ? q h v in = v ih or v il |i out | 20  a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in = v ih or v il |i out | 2.4 ma |i out | 6.0 ma |i out | 7.8 ma 3.0 4.5 6.0 2.48 3.98 5.48 2.34 3.84 5.34 2.2 3.7 5.2 v ol maximum low?level output voltage, q a ? q h v in = v ih or v il |i out | 20  a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il |i out | 2.4 ma |i out | 6.0 ma |i out | 7.8 ma 3.0 4.5 6.0 0.26 0.26 0.26 0.33 0.33 0.33 0.4 0.4 0.4 v oh minimum high?level output voltage, sq h v in = v ih or v il ii out i 20  a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in = v ih or v il |i out | 2.4 ma ii out i 4.0 ma ii out i 5.2 ma 3.0 4.5 6.0 2.48 3.98 5.48 2.34 3.84 5.34 2.2 3.7 5.2 v ol maximum low?level output voltage, sq h v in = v ih or v il ii out i 20  a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il |i out | 2.4 ma ii out i 4.0 ma ii out i 5.2 ma 3.0 4.5 6.0 0.26 0.26 0.26 0.33 0.33 0.33 0.4 0.4 0.4 i in maximum input leakage current v in = v cc or gnd 6.0 0.1 1.0 1.0  a i oz maximum three?state leakage current, q a ? q h output in high?impedance state v in = v il or v ih v out = v cc or gnd 6.0 0.5 5.0 10  a i cc maximum quiescent supply current (per package) v in = v cc or gnd l out = 0  a 6.0 4.0 40 160  a
mc74hc595a www. onsemi.com 5 ac electrical characteristics (c l = 50 pf, input t r = t f = 6.0 ns) symbo l parameter v cc v guaranteed limit unit ?55 to 25  c 85  c 125  c f max maximum clock frequency (50% duty cycle) (figures 1 and 7) 2.0 3.0 4.5 6.0 6.0 15 30 35 4.8 10 24 28 4.0 8.0 20 24 mhz t plh , t phl maximum propagation delay, shift clock to sq h (figures 1 and 7) 2.0 3.0 4.5 6.0 140 100 28 24 175 125 35 30 210 150 42 36 ns t phl maximum propagation delay, reset to sq h (figures 2 and 7) 2.0 3.0 4.5 6.0 145 100 29 25 180 125 36 31 220 150 44 38 ns t plh , t phl maximum propagation delay, latch clock to q a ? q h (figures 3 and 7) 2.0 3.0 4.5 6.0 140 100 28 24 175 125 35 30 210 150 42 36 ns t plz , t phz maximum propagation delay, output enable to q a ? q h (figures 4 and 8) 2.0 3.0 4.5 6.0 150 100 30 26 190 125 38 33 225 150 45 38 ns t pzl , t pzh maximum propagation delay, output enable to q a ? q h (figures 4 and 8) 2.0 3.0 4.5 6.0 135 90 27 23 170 110 34 29 205 130 41 35 ns t tlh , t thl maximum output transition time, q a ? q h (figures 3 and 7) 2.0 3.0 4.5 6.0 60 23 12 10 75 27 15 13 90 31 18 15 ns t tlh , t thl maximum output transition time, sq h (figures 1 and 7) 2.0 3.0 4.5 6.0 75 27 15 13 95 32 19 16 110 36 22 19 ns c in maximum input capacitance ? 10 10 10 pf c out maximum three?state output capacitance (output in high?impedance state), q a ? q h ? 15 15 15 pf c pd power dissipation capacitance (per package)* typical @ 25 c, v cc = 5.0 v pf 300
mc74hc595a www. onsemi.com 6 timing requirements (input t r = t f = 6.0 ns) symbo l parameter v cc v guaranteed limit unit 25  c to ?55  c 85  c 125  c t su minimum setup time, serial data input a to shift clock (figure 5) 2.0 3.0 4.5 6.0 50 40 10 9.0 65 50 13 11 75 60 15 13 ns t su minimum setup time, shift clock to latch clock (figure 6) 2.0 3.0 4.5 6.0 75 60 15 13 95 70 19 16 110 80 22 19 ns t h minimum hold time, shift clock to serial data input a (figure 5) 2.0 3.0 4.5 6.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 ns t rec minimum recovery time, reset inactive to shift clock (figure 2) 2.0 3.0 4.5 6.0 50 40 10 9.0 65 50 13 11 75 60 15 13 ns t w minimum pulse width, reset (figure 2) 2.0 3.0 4.5 6.0 60 45 12 10 75 60 15 13 90 70 18 15 ns t w minimum pulse width, shift clock (figure 1) 2.0 3.0 4.5 6.0 50 40 10 9.0 65 50 13 11 75 60 15 13 ns t w minimum pulse width, latch clock (figure 6) 2.0 3.0 4.5 6.0 50 40 10 9.0 65 50 13 11 75 60 15 13 ns t r , t f maximum input rise and fall times (figure 1) 2.0 3.0 4.5 6.0 1000 800 500 400 1000 800 500 400 1000 800 500 400 ns
mc74hc595a www. onsemi.com 7 function table operation inputs resulting function reset serial input a shift clock latch clock output enable shift register contents latch register contents serial output sq h parallel outputs q a ? q h reset shift register l x x l, h, l l u l u shift data into shift register h d l, h, l d sr a ; sr n sr n+1 u sr g sr h u shift register remains unchanged h x l, h, l, h, l u u u u transfer shift register contents to latch register h x l, h, l u sr n lr n u sr n latch register remains unchanged x x x l, h, l * u * u enable parallel outputs x x x x l * ** * enabled force outputs into high impedance state x x x x h * ** * z sr = shift register contents d = data (l, h) logic level = low?to?high * = depends on reset and shift clock inputs lr = latch register contents u = remains unchanged = high?to?low ** = depends on latch clock input pin descriptions inputs a (pin 14) serial data input. the data on this pin is shifted into the 8?bit serial shift register. control inputs shift clock (pin 11) shift register clock input. a low? to?high transition on this input causes the data at the serial input pin to be shifted into the 8?bit shift register. reset (pin 10) active?low, asynchronous, shift register reset input. a low on this pin resets the shift register portion of this device only. the 8?bit latch is not affected. latch clock (pin 12) storage latch clock input. a low?to?high transition on this input latches the shift register data. output enable (pin 13) active?low output enable. a low on this input allows the data from the latches to be presented at the outputs. a high on this input forces the outputs (q a ?q h ) into the high?impedance state. the serial output is not affected by this control unit. outputs q a ? q h (pins 15, 1, 2, 3, 4, 5, 6, 7) noninverted, 3?state, latch outputs. sq h (pin 9) noninverted, serial data output. this is the output of the eighth stage of the 8?bit shift register. this output does not have three?state capability.
mc74hc595a www. onsemi.com 8 switching waveforms serial input a 50% 50% switch clock v cc gnd valid t su t h figure 5. shift clock output sq h t r t f v cc gnd 90% 50% 10% 90% 50% 10% t plh t phl t tlh t thl t w 1/f max reset output sq h shift clock t w 50% 50% 50% v cc gnd v cc gnd t phl t rec t su 50% 50% v cc gnd latch clock q a -q h outputs 50% t plh t phl t tlh t thl 90% 50% 10% v cc gnd v cc gnd shift clock latch clock figure 3. v cc gnd t w figure 1. figure 2. figure 4. figure 6. output q output q 50% 50% 90% 10% t pzl t plz t pzh t phz v cc gnd high impedance v ol v oh high impedance output enable 50% test circuits *includes all probe and jig capacitance c l * test point device under test output *includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k  figure 7. figure 8.
mc74hc595a www. onsemi.com 9 d r q sr a dq lr a d q sr b dq lr b r d q sr c dq lr c r d q sr d dq lr d r d q sr e dq lr e r d q sr f dq lr f r d q sr g dq lr g r d q sr h dq lr h r expanded logic diagram output enable latch clock serial data input a shift clock reset 13 12 14 11 10 15 1 2 3 4 5 6 7 9 q a q b q c q d q e q f q g q h serial data output sq h parallel data outputs
mc74hc595a www. onsemi.com 10 timing diagram shift clock serial data input a reset latch clock output enable q a q b q c q d q e q f q g q h serial data output sq h note: implies that the output is in a high?impedance state. ordering information device package shipping ? mc74hc595adg soic?16 (pb?free) 48 units / rail nlv74hc595adg* 48 units / rail mc74hc595adr2g 2500 / tape & reel nlv74hc595adr2g* 2500 / tape & reel mc74hc595adtg tssop?16 (pb?free) 96 units / tube nlv74hc595adtg* 96 units / tube mc74hc595adtr2g 2500 / tape & reel nlv74hc595adtr2g* 2500 / tape & reel MC74HC595AMNTWG# qfn16 (pb?free) 3000 / tape & reel nlv74hc595amntwg*# 3000 / tape & reel nlv74hc595amn1twg*# 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable. #mn suffix is with pull?back lead, mn1 is without pull?back lead. refer to ?detail a? of case outline on page 13.
mc74hc595a www. onsemi.com 11 package dimensions tssop?16 case 948f issue b ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?.  section n?n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ?t? ?v? ?w? 0.25 (0.010) 16x ref k n n 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74hc595a www. onsemi.com 12 package dimensions soic?16 case 751b?05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ?b? ?a? m 0.25 (0.010) b s ?t? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint* 16 89 8x *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74hc595a www. onsemi.com 13 package dimensions qfn16, 2.5x3.5, 0.5p case 485aw issue o dim min max millimeters a a1 0.00 0.05 a3 b 0.20 0.30 d 2.50 bsc d2 0.85 1.15 e 3.50 bsc e2 e 0.50 bsc k 0.20 --- notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimensions b applies to plated terminal and is measured between 0.15 and 0.30 mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. 0.20 ref b d2 l pin one e2 1 8 15 10 d e b a c 0.15 c 0.15 2x 2x e 2 16x 16x 0.10 c 0.05 c a b note 3 a 16x k a1 (a3) seating plane c 0.08 c 0.10 0.80 1.00 l 0.35 0.45 1.85 2.15 l1 detail a l alternate terminal constructions l ??? *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 2.80 3.80 1.10 0.50 0.60 16x 0.30 16x dimensions: millimeters 1 reference top view side view note 4 c 0.15 c a b 0.15 c a b detail a bottom view e/2 l1 --- 0.15 2.10 pitch package outline p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc74hc595a/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. ?


▲Up To Search▲   

 
Price & Availability of MC74HC595AMNTWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X